PART |
Description |
Maker |
EM23C1000 |
High Performance 128K ? 8 CMOS ROM(楂???奖M浣??128K ? 8锛?MOS ROM)
|
ELAN Microelctronics Corp .
|
ST10F269Z2Q3 ST10F269Z2Q6 |
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
|
STMicroelectronics
|
LC87F1HC8A |
CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
LC87F14C8A |
CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F14C8SA |
FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC865508A |
8-Bit Single Chip Microcontroller with On-Chip 8K-Byte ROM and 512-Byte RAM(8位单片微控制器(带片K字节ROM12字节RAM
|
Sanyo Electric Co.,Ltd.
|
LC875J72B LC875J80B |
ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC865520B LC865512B LC865516B LC865504B LC865508B |
8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
LC877424A LC877432A LC877440A LC877448A |
8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
|
Sanyo Semicon Device
|